Part Number Hot Search : 
PE8402 CS5102A C1403 ZL40803 ALC5624 CA14392 334H4 D8103
Product Description
Full Text Search
 

To Download 1N4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001 THRU 1N4007
PLASTIC SILICON RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
FEATURES l Low forward voltage drop l High current capability l High reliability l High surge current capability l Exceeds environmental standards of MIL-S-19500/228 MECHANICAL DATA Case: Molded plastic , DO-41 Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MIL-STD-202, method 208 guaranteed Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.3 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 J ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. 1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007 UNITS Maximum Recurrent Peak Reverse Voltage 50 100 200 400 600 800 1000 V Maximum RMS Voltage 35 75 140 280 420 560 700 V Maximum DC Blocking Voltage 50 100 200 400 600 800 1000 V Maximum Average Forward Rectified 1.0 A Current .375"(9.5mm) Lead Length at TA=75 J Peak Forward Surge Current 8.3ms single 30 A half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage at 1.0A DC and 1.1 V 25 J Maximum Full Load Reverse Current Full 30 g A Cycle Average at 75 J Ambient 5.0 g A Maximum Reverse Current at TA=25 J 500 g A At Rated DC Blocking Voltage TA=100 J Typical Junction capacitance (Note 1) 15 PF Typical Thermal Resistance (Note 2) R KJA 50 J /W 25 J /W Typical Thermal resistance (NOTE 2) R K JL Operating and Storage Temperature Range -55 to +150 J TJ,TSTG NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 2. Thermal Resistance Junction to Ambient and from junction to lead at 0.375"(9.5mm) lead length P.C.B mounted.
DO-41
RATING AND CHARACTERISTIC CURVES 1N4001 THRU 1N4007
AVERAGE FORWARD RECTIFIED
1.6 1.4
MAXIMUM AVERAGE CURRENT RATING SINGLE HALF-WAVE, 60Hz RESISTIVE OR INDUCTIVE LEAD LENGTHS
CURRENT AMPERES
1.2 1.0 .8 .6 .4 .2 0 0 20 40 60
80
120
140
160
180
AMBIENT TEMPERATURE, J
Fig. 1-TYPICAL FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD CURRENT, FORWARD SURGE CURRENT, AMPERES
30
20 10
AMPERES
4 2 1.0 .4 .2 .1 .04 .02 .01
pk (HALF-SINE WAVE)
24
18
12
Tj=25J Pulse Width = 300gs 2% Duty Cycle
6
1
2
4
6 8 10
20
40 60 80 100
.6 .8 1.0 1.2 1.4 @ @ @ @ @ @
1.5
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60Hz
Fig. 2-TYPICAL FORWARD CHARACTERISTICS
Fig. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
1,000
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
100
Tj = 150 J Tj = 150 J
INSTANTANEOUS REVERSE CURRENT
MICROAMPERES
10 4
Tj=100J
10
Tj = 100J
1.0 .4 .1 .04 .01 0 20 40 80 100 120
Tj=25J
1
0.1
Tj = 25J
0.01 0 20 60 80 100 120
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) PERCENTAGE OF PEAK REVERSE VOLTAGE, %
Fig. 4-TYPICAL REVERSE CHARACTERISTICS
Fig. 5-TYPICAL REVERSE CHARACTERISTICS


▲Up To Search▲   

 
Price & Availability of 1N4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X